PART |
Description |
Maker |
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
MJS1.25-R MJS400-R MJS2-R |
Fuses, RoHS 1.25A 250V SB 5X15 BULK ELECTRIC FUSE, 1.25A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 400mA 250V SB 5X15 BULK Fuses, RoHS 2A 250V SB 5X15 BULK
|
Bel Fuse, Inc. BEL FUSE INC
|
5VT2 |
Fuses, 2A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 2A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
KMF1.1123.11 KMF1.1113.11 KMF1.1213.11 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 2A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
DC22.2111.111 DC22.9123.111 DC22.1223.111 DC22.111 |
Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:2A; Approval Bodies:UL RoHS Compliant: Yes 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:10A; Approval Bodies:UL RoHS Compliant: Yes 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:1A; Approval Bodies:UL RoHS Compliant: Yes 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:4A; Approval Bodies:UL RoHS Compliant: Yes 4A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Switched IEC Power Connector; Voltage Rating:250V; Mounting Type:Panel; Terminal Type:Thru Hole Pins; Current Rating:6A; Approval Bodies:UL RoHS Compliant: Yes 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG SCHURTER INC
|
5TTP250 |
Fuses, 250mA 250V SB UL GLAS LEAD
|
BEL FUSE INC
|
CD41.4599.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Fuseholder is accessible fromThe equipment front; IEC/EN 60979 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
CMD-3.81-HF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CFS-2.5 |
Standard : UL - IEC 150V - 250V 4A - 5A
|
Eldeco Srl
|
BLT52-H |
Standard : UL - IEC 300V - 250V 16A - 17.5A
|
Eldeco Srl
|
|